Part Number Hot Search : 
G5111 UDN2916B 4HC404 PI4ULS 25FU206 51021 MSK4400U 5A100
Product Description
Full Text Search
 

To Download BU92002GU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05W799A
IrDA SIR, FIR Controller IC
BU92002GU
VBGA063T050
Features 1) Data transfer speed FIR(4Mbps) SIR(2.4 to 115.2kbps) compatible 2) Built-in FIFO buffer 5kbyte 3) Data bus 16bit width
Applications Mobile phone, printer, DSC, DVD/HDD recorder, LCD-TV, PDP-TV, projector, portable audio equipments, etc.
Absolute Maximum Ratings (Ta=25C)
Parameter Power supply voltage Power dissipation Operating temperature range Storage temperature range Symbol VDD Pd Topr Tstg Limits -0.3 ~ +2.5 570 -25 ~ +85 -40 ~ +100 Unit V mW
C C
1.2Max.
0.23
Description BU92002GU is FIR(4Mbps) compatible IrDA controller IC. Built-in 5kbyte FIFO enables simple system design in correspondence with interrupt by a frame unit. (DMA is not used.) It is accessible as memory device of bus connection and can acquire a large quantity of data with a 16bit width data bus instantaneously.
Dimension (Unit : mm)
5.0
8 7 6 5 4 321 A B C D E F G H
5.0
0.5
0.75
2005
11
Recommended Operating Conditions (Ta=25C)
Parameter Power supply voltage Interface power supply voltage Symbol VDD VIO Min. 1.62 1.62 Typ. 1.8 3.0 Max. 1.98 3.6 Unit V V
Electrical characteristics (Unless otherwise noted; Ta=25C, VDD=1.8V)
Parameter Current consumption 1 Current consumption 2 Digital high level input voltage Digital low level input voltage Digital high level input current Digital low level input current Digital high level output voltage Digital low level output voltage Symbol IDD1 IDD2 VIH VIL IIH IIL VOH VOL - - - VIO-0.6 - Min. - - Typ. 0.1 5.0 - - - - - - 10 10 - 0.6 Max. 3.0 10.0 - Unit mA mA V V mA mA V V Input voltage=VIO Input voltage=GND IOH=-1mA IOL=1mA Conditions No output load, All inputs=0V CLK=48MHz
Application Circuit
VDD
IrDA PWDOWN D0~15 A1~3 CS RD WR INTR RESET PWDN
16 16 Transmitterreceiver FIFO buffer CPU I/F 16 Receiver shift register (S/P) 16 16
SIR(115kbps)
Register control /status Asynchronous DEC
3/16 DEM
FIR(4Mbps)
CRC DEC 4PPM DEC
Preamble/ Flag detection
RPM971etc. IrRX VCC GND
16
SIR(115kbps)
Transmitter shift register (P/S)
CRC ENC
Asynchronous ENC
3/16 MOD
FIR(4Mbps) XIN / CLK48M XOUT
Crystal I/F Baud rate generator
4PPM ENC
Preamble/ Flag insertion
IrTX
GND


▲Up To Search▲   

 
Price & Availability of BU92002GU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X